Part Number Hot Search : 
M7248 EL827 CT520 S5L1462B MXTK92T D78064 102K63 PD1600
Product Description
Full Text Search
 

To Download AFCT-5715LZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? rohs-6 compliant ? optional digital diagnostic monitoring available - afct-5710z family: without dmi - afct-5715z family: with dmi ? per sff-8472, diagnostic features on afct-5715z family enable diagnostic monitoring interface for optical transceivers with real-time monitoring of: - transmitted optical power - received optical power - laser bias current - temperature - supply voltage ? compliant to ieee 802.3z gigabit ethernet (1.25 gbd) 1000base-lx & small form factor pluggable (sfp) multi-source agreement (msa) ? manufactured in an iso 9001 compliant facility ? hot-pluggable ? temperature options (extended) -10c to +85c (industrial) -40c to +85c ? +3.3 v dc power supply ? 1310 nm longwave laser ? eye safety certifi ed: - us 21 cfr(j) - iec 60825-1 (+all) ? lc-duplex fi ber connector compatible ? link lengths at 1.25 gbd: - 0.5 to 550 m - 50 m mmf - 0.5 to 550 m - 62.5 m mmf - 0.5 m to 10 km - smf applications ? ethernet switch ? enterprise router ? broadband aggregation and wireless infrastructure ? metro ethernet multi-service access & provisioning platforms description the afct-571 x z family of small form factor pluggable (sfp) lc optical transceivers off ers a wide range of design options, including optional dmi features (further described later), two temperature ranges (extended or industrial), and choice of standard or bail delatch. the afct-5715z family targets applications requiring dmi, while the afct-5710z family is streamlined for those applications where dmi is not needed. throughout this datasheet, afct-571 x z will refer to the entire product family encompassing this full range of product options. part number options the afct-571 x z sfp family consists of the following products: part number dmi temperature latch design afct-5710lz no extended standard afct-5710pz no extended bail afct-5710alz no industrial standard afct-5710apz no industrial bail AFCT-5715LZ yes extended standard afct-5715pz yes extended bail afct-5715alz yes industrial standard afct-5715apz yes industrial bail * extended temperature range is -10 to 85 degrees c industrial temperature range is -40 to 85 degrees c related products ? afbr-5705z sfp family: 1.25gbd ethernet (1000base-sx) & 1.0625gbd fiber channel with dmi ? afbr-5701z sfp family: 1.25gbd ethernet (1000base-sx) & 1.0625gbd fiber channel without dmi ? afct-5715z sfp family: 1.25gbd ethernet (1000base-lx) with dmi ? afct-5710z sfp family: 1.25gbd ethernet (1000base-lx) without dmi afct-5710z and afct-5715z families of single-mode small form factor pluggable (sfp) optical transceivers with optional dmi for gigabit ethernet (1.25 gbd) data sheet
2 text photo-detector amplification & quantization laser laser driver & safety circuit electrical interface rd+ (receive data) rd- (receive data) rx loss of signal mod-def2 (sda) tx_disable td+ (transmit data) td- (transmit data) tx_fault mod-def0 mod-def1 (scl) receiver transmitter optical interface light from fiber light to fiber controller & memory figure 1. transceiver functional diagram overview the afct-571 x z family is compliant with both ieee 802.3z (1000base-lx) and the sfp multi-source agreement (msa) specifi cation. these transceivers are intended for premise, public and access network- ing applications. they are qualifi ed in accordance with gr-468-core, and transmit data over single-mode (sm) fi ber for a link distance of 10 km, in excess of the standard. the afct-5715z family of optical transceivers adds digital diagnostic monitoring to standard sfp function- ality, enabling fault isolation, components monitoring and failure prediction capabilities. general features the afct-571 x z is compliant to 1 gbe specifi cations. this includes specifi cations for the signal coding, optical fi ber and connector types, optical and electrical trans- mitter characteristics, optical and electrical receiver characteristics, jitter characteristics, and compliance testing methodology for the aforementioned. this transceiver is capable of implementing both single mode (sm) and multimode (mm) optical fi ber applica- tions in that order of precedence in the event of con- fl icting specifi cations. in addition, the sm link type exceeds the 2 m to 5 km 1000base-lx specifi cation by achieving compliance over 2 m to 10 km. the mm link type is expected to meet the 62.5 m mmf specifi cation when used with an off set launch fi ber. sfp msa compliance the product package is compliant with the sfp msa with the lc connector option. the sfp msa includes specifi ca- tions for mechanical packaging and performance as well as dc, ac and control signal timing and performance. the power supply is 3.3 v dc. the high speed i/o (hsio) signal interface is a low voltage diff erential type. it is ac coupled and terminated internally to the module. the internal termination is a 100 ohm diff erential load. installation the afct-571 x z can be installed in or removed from any msa-compliant pluggable small form factor (sfp) port regardless of whether the host equipment is operating or not. the module is simply inserted, electri- cal-interface fi rst, under fi nger-pressure. controlled hot- plugging is ensured by 3-stage pin sequencing at the electrical interface. this printed circuit board card-edge connector is depicted in figure 2. as the module is inserted, fi rst contact is made by the housing ground shield, discharging any poten- tially component-damaging static electricity. ground pins engage next and are followed by tx and rx power supplies. finally, signal lines are connected. pin functions and sequencing are listed in table 2.
3 figure 3. typical application confi guration v ee t 20 td? 19 td+ 18 v ee t 17 v cc t 16 v cc r 15 v ee r 14 rd+ 13 rd? 12 v ee r 11 top of board v ee t 1 tx fault 2 tx disable 3 mod-def(2) 4 mod-def(1) 5 mod-def(0) 6 rate select 7 los 8 v ee r 9 v ee r 10 bottom of board (as viewed through top of board) engagement sequence 3 2 1 3 2 1 figure 2. pin description of the sfp electrical interface. transmitter section the transmitter section includes a 1310 nm fabry-perot laser and a transmitter driver circuit. the driver circuit maintains a constant optical power level provided that the data pattern is valid 8b/10b code. connection to the transmitter is provided via a lc optical connector. the transmitter has full iec 60825 and cdrh class 1 eye safety. tx_disable the transmitter output can be disabled by asserting pin 3, tx_disable. a high signal asserts this function while a low signal allows normal laser operation. in addition, via the 2-wire serial interface the transmitter output can be disabled (address a2h, byte 110, bit 6) or monitored (address a2h, byte 110, bit 7). the contents of a2h, byte 110, bit 6 are logic ord with hardware tx_disable (pin 3) to control transmitter operation. in the event of a transceiver fault, such as the activation of the eye safety circuit, toggling of the tx_disable will reset the trans- mitter, as depicted in figure 4. laser driver & safety circuitry 50 50 so+ so? amplification & quantization 50 50 si+ si? vrefr vrefr tbc ewrap rbc rx_rate rx_los gpio(x) gpio(x) gp14 refclk tx_fault tbc ewrap rbc rx_rate refclk tx[0:9] rx[0:9] tx_fault tx_disable td+ td? tx gnd mod_def2 eeprom mod_def1 mod_def0 rx gnd 4.7 k to 10 k 3.3 v 4.7 k to 10 k 3.3 v 4.7 k to 10 k 4.7 k to 10 k 106.25 mhz protocol ic sfp module v cc ,t 1 h 1 h 10 f 0.1 f 3.3 v 4.7 k to 10 k 10 f 0.1 f 0.1 f 4.7 k to 10 k rd+ rd? rx_los 0.01 f 0.01 f 100 0.01 f 0.01 f v cc ,r 100 50 v cc ,r 50 v cc ,r
4 figure 4. msa required power supply fi lter v cc t 0.1 f 0.1 f 10 f 1 h 1 h 0.1 f 10 f 3.3 v sfp module v cc r host board functional data i/o avagos afct-571 x z transceiver is designed to accept industry standard diff erential signals. the transceiver provides an ac-coupled, internally terminated data interface. bias resistors and coupling capacitors have been included within the module to reduce the number of components required on the customers board. figure 2 illustrates the recommended interface circuit. digital diagnostic interface and serial identifi cation the afct-571 x z family complies with the sff-8074i specifi cation, which defi nes the modules serial identifi - cation protocol to use the 2-wire serial cmos eeprom protocol of the atmel at24c01a or similar. standard sfp eeprom bytes 0-255 are addressed per sff-8074i at memory address 0xa0 (a0h). as an enhancement to the conventional sfp interface defi ned in sff-8074i, the afct-5715z is also compliant to sff-8472 (the digital diagnostic interface for sfp). this enhancement adds digital diagnostic monitoring to standard sfp functionality, enabling failure predic- tion, fault isolation, and component monitoring capa- bilities. using the 2-wire serial interface, the afct-5715z provides real time access to transceiver internal supply voltage and temperature, transmitter output power, laser bias current and receiver average input power, allowing a host to predict system compliance issues. these fi ve parameters are internally calibrated, per the msa. new digital diagnostic information is accessed per sff-8472 using eeprom bytes 0-255 at memory address 0xa2 (a2h). the digital diagnostic interface also adds the ability to disable the transmitter (tx_disable), monitor for trans- mitter faults (tx_fault) and monitor for receiver loss of signal (rx_los). contents of the msa-compliant serial id memory are shown in tables 10 through 14. the sff-8074i and sff-8472 specifi cations are available from the sff committee at http://www.sff committee.org. the i2c accessible memory page address 0xb0 is used internally by sfp for the test and diagnostic purposes and it is reserved. predictive failure identifi cation the diagnostic information allows the host system to identify potential link problems. once identifi ed, a fail-over technique can be used to isolate and replace suspect devices before system uptime is impacted. tx_fault a laser fault or a low vcc condition will activate the transmitter fault signal, tx_fault, and disable the laser. this signal is an open collector output (pull-up required on the host board); a low signal indicates normal laser operation and a high signal indicates a fault. the tx_ fault will be latched high when a laser fault occurs and is cleared by toggling the tx_disable input or power cycling the transceiver. the tx_fault is not latched for low vcc. the transmitter fault condition can also be monitored via the two-wire serial interface (address a2h, byte 110, bit 2). eye safety circuit under normal operating conditions, the laser power will be maintained below the eye-safety limit. if the eye safety limit is exceeded at any time, a laser fault will occur and the tx_fault output will be activated. receiver section the receiver section for the afct-571 x z contains an ingaas/inp photo detector and a preamplifi er mounted in an optical subassembly. this optical subassembly is coupled to a post amplifi er/decision circuit on a circuit board. the design of the optical subassembly provides better than 12 db optical return loss (orl). connection to the receiver is provided via a lc optical connector. rx_los the receiver section contains a loss of signal (rx_los) circuit to indicate when the optical input signal power is insuffi cient for gigabit ethernet compliance. a high signal indicates loss of modulated signal, indicating link failure such as a broken fi ber or a failed transmitter. rx_ los can be also be monitored via the two-wire serial (address a2h, byte 110, bit 1).
5 table 1. regulatory compliance feature test method performance electrostatic discharge (esd) to the electrical pins mil-std-883c method 3015.4 jedec/eia jesd22-a114-a class 2 (>2000 volts) electrostatic discharge (esd) to the duplex lc receptacle bellcore gr1089-core 25 kv air discharge 10 zaps at 8 kv (contact discharge) on the electri- cal faceplate on panel. electromagnetic interference (emi) fcc class b applications with high sfp port counts are ex- pected to be compliant; however, margins are de- pendent on customer board and chassis design. immunity variation of iec 61000-4-3 no measurable eff ect from a 10 v/m fi eld swept from 80 to 1000 mhz applied to the transceiver without a chassis enclosure. eye safety us fda cdrh ael class 1 en (iec) 60825-1, 2, en60950 class 1 cdrh certifi cation # 9521220-132 tuv fi le r72102126.01 component recognition underwriters laboratories and canadian standards association joint component recognition for informa- tion technology equipment including electrical business equipment ul fi le # e173874 rohs compliance less than 1000ppm of: cadmium, lead, mercury, hexavalent chromium, polybrominated biphenyls, and polybrominated biphenyl ethers operating temperature the afct-571 x z family is available in either extended (-10 to +85c) or industrial (-40 to +85c) temperature ranges. power supply noise the afct-571 x z can withstand an injection of psn on the v cc lines of 100 mv ac with a degradation in eye mask margin of up to 10% on the transmitter and a 1 db sensitivity penalty on the receiver. this occurs when the product is used in conjunction with the msa rec- ommended power supply fi lter shown in figure 3. regulatory compliance the transceiver regulatory compliance is provided in table 1 as a fi gure of merit to assist the designer. the overall equipment design will determine the certifi ca- tion level. compliance prediction the real-time diagnostic parameters can be monitored to alert the system when operating limits are exceeded and compliance cannot be ensured. fault isolation the diagnostic information can allow the host to pinpoint the location of a link problem and accelerate system servicing and minimize downtime. component monitoring as part of the host system monitoring, the real time diagnostic information can be combined with system level monitoring to ensure system reliability. application support an evaluation kit and reference designs are available to assist in evaluation of the afct-571 x z sfps. please contact your local field sales representative for avail- ability and ordering details.
6 eye safety the afct-571 x z transceivers provide class 1 eye safety by design. avago technologies has tested the transceiver design for regulatory compliance, under normal operating conditions and under a single fault condition. see table 1. flammability the afct-571 x z family of sfps is compliant to ul 94v-0. customer manufacturing processes this module is pluggable and is not designed for aqueous wash, ir refl ow, or wave soldering processes. caution the afct-571 x z contains no user-serviceable parts. tampering with or modifying the performance of the afct-571 x z will result in voided product warranty. it may also result in improper operation of the transceiver circuitry, and possible over-stress of the laser source. device degradation or product failure may result. connection of the afct-571 x z to a non-approved optical source, operating above the recommended absolute maximum conditions may be considered an act of modifying or manufacturing a laser product. the person(s) performing such an act is required by law to re-certify and re-identify the laser product under the provisions of u.s. 21 cf. electrostatic discharge (esd) there are two conditions in which immunity to esd damage is important: the fi rst condition is static discharge to the transceiver during handling such as when the transceiver is inserted into the transceiver port. to protect the transceiver, it is important to use normal esd handling precau- tions including the use of grounded wrist straps, work benches, and fl oor mats in esd controlled areas. the esd sensitivity of the afct-571 x z is compatible with typical industry production environments. the second condition is static discharge to the exterior of the host equipment chassis after installation. to the extent that the duplex lc optical interface is exposed to the outside of the host equipment chassis, it may be subject to system-level esd requirements. the esd per- formance of the afct-571 x z exceeds typical industry standards. table 1 documents esd immunity to both of these conditions. electromagnetic interference (emi) most equipment designs using the afct-571 x z sfps are subject to the requirements of the fcc in the united states, cenelec en55022 (cispr 22) in europe and vcci in japan. the metal housing and shielded design of the transceiver minimize emi and provide excellent emi performance. emi immunity the afct-571 x z transceivers have a shielded design to provide excellent immunity to radio frequency electromagnetic fi elds which may be present in some operating environments.
7 table 2. pin description pin name function/description engagement order(insertion) notes 1 veet transmitter ground 1 2 tx fault transmitter fault indication 3 1 3 tx disable transmitter disable - module disables on high or open 3 2 4 mod-def2 module defi nition 2 - two wire serial id interface 3 3 5 mod-def1 module defi nition 1 - two wire serial id interface 3 3 6 mod-def0 module defi nition 0 - grounded in module 3 3 7 rate selection not connected 3 8 los loss of signal 3 4 9 veer receiver ground 1 10 veer receiver ground 1 11 veer receiver ground 1 12 rd- inverse received data out 3 5 13 rd+ received data out 3 5 14 veer reciver ground 1 15 vccr receiver power -3.3 v 5% 2 6 16 vcct transmitter power -3.3 v 5% 2 6 17 veet transmitter ground 1 18 td+ transmitter data in 3 7 19 td- inverse transmitter data in 3 7 20 veet transmitter ground 1 notes: 1. tx fault is an open collector/drain output which should be pulled up externally with a 4.7k C 10 k resistor on the host board to a supply 8 table 3. absolute maximum ratings absolute maximum ratings are those values beyond which functional performance is not intended, device reliabil- ity is not implied, and damage to the device may occur. parameter symbol minimum maximum unit notes storage temperature (non-operating) t s -40 +100 c relative humidity rh 5 95 % case temperature t c -40 85 c supply voltage v cc -0.5 3.8 v 1 control input voltage v i -0.5 v cc +0.5 v table 4. recommended operating conditions typical operating conditions are those values for which functional performance and device reliability is implied. parameter symbol minimum typical maximum unit notes case operating temperature afct-5710lz/pz & AFCT-5715LZ/pz afct-5710alz/apz & afct-5715alz/apz t c t c -10 -40 +85 +85 c c supply voltage v cc 3.14 3.3 3.47 v table 5. transceiver electrical characteristics parameter symbol minimum typical maximum unit notes module supply current i cc 200 240 ma 2 power dissipation p diss 660 830 mw 2 ac electrical characteristics power supply noise rejection (peak - peak) psnr 100 mv 3 inrush current 30 ma dc electrical characteristics sense outputs: transmit fault (tx_fault) loss of signal (los) mod-def2 v oh 2.0 vcct, r+0.3 v 4 v ol 0.8 v control inputs: transmitter disable (tx_disable) mod-def1, 2 v ih 2.0 vcc v 4,5 v il 0.8 v data input: transmitter diff erential input voltage (td+/-) v i 500 2400 mv 6 data ouput: receiver diff erential output voltage (rd+/-) v o 370 1600 mv 7 receiver data rise and fall times t rf 400 ps receiver contributed total jitter tj 0.33267 uips 8 notes: 1 the module supply voltages, v cc t and v cc r, must not diff er by more than 0.5v or damage to the device may occur. 2. over temperature and beginning of life. 3. msa fi lter is required on host board 10 hz to 1 mhz. see figure 3 4. lvttl, external 4.7 - 10 k pull-up resistor required 5. lvttl, internal 4.7 - 10 k pull-up resistor required for tx_disable 6. internally ac coupled and terminated (100 ohm diff erential) 7. internally ac coupled and load termination located at the user serdes 8. per ieee 802.3
9 table 6. transmitter optical characteristics parameter symbol minimum typical maximum unit notes average optical output power pout -9.5 -3 dbm note 1 optical extinction ratio er 9 db tx optical eye mask margin mm 0 30 % note 3 center wavelength c 1270 1355 nm spectral width - rms , rms nm optical rise/fall time tr, tf 260 ps 20-80% relative intensity noise rin -120 db/hz contributed total jitter (transmitter) 1.25 gb/s tj 0.284 227 ui ps note 2 pout tx_disable asserted poff -45 dbm notes: 1. class 1 laser safety per fda/cdrh 2. contributed total jitter is calculated from dj and rj measurements using tj = rj + dj. contributed rj is calculated for 1x10 -12 ber by multiplying the rms jitter (measured on a single rise or fall edge) from the oscilloscope by 14. per fc-pi (table 9 - sm jitter output, note 1), the actual contributed rj is allowed to increase above its limit if the actual contributed dj decreases below its limits, as long a s the component output dj and tj remain within their specifi ed fc-pi maximum limits with the worst case specifi ed component jitter input. 3. eye shall be measured with respect to the mask of the eye using fi lter defi ned in ieee 802.3 section 38.6.5 table 7. receiver optical characteristics parameter symbol minimum typical maximum unit notes input optical power p in -3 dbm receiver sensitivity p min -19 dbm 1, 2 stressed receiver sensitivity (optical average input power) -14.4 dbm receiver electrical 3 dbupper cutoff frequency 1500 mhz operating center wavelength c 1270 1355 nm return loss (minimum) 12 db loss of signal - assert p a -30 dbm 3 loss of signal - de-assert p d -20 dbm 3 loss of signal - hysteresis p d - p a 0.5 db notes: 1. ber = 10 -12 2. an average power of -20 dbm with an extinction ratio of 9 db is approximately equivalent to an oma of 15 w. 3. these average power values are specifi ed with an extinction ratio of 9 db. the loss-of-signal circuitry responds to valid 8b/10b-encoded peak to peak input optical power, not average power.
10 table 8. transceiver timing characteristics parameter symbol minimum maximum unit notes hardware tx_disable assert time t_off 10 s note 1 hardware tx_disable negate time t_on 1 ms note 2 time to initialize, including reset of tx_fault t_init 300 ms note 3 hardware tx_fault assert time t_fault 100 s note 4 hardware tx_disable to reset t_reset 10 s note 5 hardware rx_los assert time t_loss_on 100 s note 6 hardware rx_los de-assert time t_loss_off 100 s note 7 software tx_disable assert time t_off _soft 100 ms note 8 software tx_disable negate time t_on_soft 100 ms note 9 software tx_fault assert time t_fault_soft 100 ms note 10 software rx_los assert time t_loss_on_soft 100 ms note 11 software rx_los de-assert time t_loss_off _soft 100 ms note 12 analog parameter data ready t_data 1000 ms note 13 serial bus hardware ready t_serial 300 ms note 14 write cycle time t_write 10 ms note 15 serial id clock rate f_serial_clock 400 khz notes: 1. time from rising edge of tx_disable to when the optical output falls below 10% of nominal. 2. time from falling edge of tx_disable to when the modulated optical output rises above 90% of nominal. 3. time from power on or falling edge of tx_disable to when the modulated optical output rises above 90% of nominal. 4. from power on or negation of tx_fault using tx_disable. 5. time tx_disable must be held high to reset the laser fault shutdown circuitry. 6. time from loss of optical signal to rx_los assertion. 7. time from valid optical signal to rx_los de-assertion. 8. time from two-wire interface assertion of tx_disable (a2h, byte 110, bit 6) to when the optical output falls below 10% of no minal. measured from falling clock edge after stop bit of write transaction. 9. time from two-wire interface de-assertion of tx_disable (a2h, byte 110, bit 6) to when the modulated optical output rises ab ove 90% of nominal. 10. time from fault to two-wire interface tx_fault (a2h, byte 110, bit 2) asserted. 11. time for two-wire interface assertion of rx_los (a2h, byte 110, bit 1) from loss of optical signal. 12. time for two-wire interface de-assertion of rx_los (a2h, byte 110, bit 1) from presence of valid optical signal. 13. from power on to data ready bit asserted (a2h, byte 110, bit 0). data ready indicates analog monitoring circuitry is functi onal. 14. time from power on until module is ready for data transmission over the serial bus (reads or writes over a0h and a2h). 15. time from stop bit to completion of a 1-8 byte write command. table 9. transceiver digital diagnostic monitor (real time sense) characteristics parameter symbol min units notes transceiver internal temperature accuracy t int 3.0 c valid from t c = -40 c to +85 c transceiver internal supply voltage accuracy v int 0.1 v valid over v cc = 3.3 v 5% transmitter laser dc bias current accuracy i int 10 % percentage of nominal bias value transmitted average optical output power accuracy p t 3.0 db valid from 100 w to 500 w, avg received average optical input power accuracy p r 3.0 db valid from 10 w to 500 w avg
11 tx_fault v cc > 2.97 v t_init tx_disable transmitted signal t_init tx_fault v cc > 2.97 v tx_disable transmitted signal t-init: tx disable negated t-init: tx disable asserted tx_fault v cc > 2.97 v t_init tx_disable transmitted signal t_off tx_fault tx_disable transmitted signal t-init: tx disable negated, module hot plugged t-off & t-on: tx disable asserted then negated insertion t_on tx_fault occurance of fault t_fault tx_disable transmitted signal tx_fault occurance of fault tx_disable transmitted signal t-fault: tx fault asserted, tx signal not recovered t-reset: tx disable asserted then negated, tx signal recovered t_reset t_init* * cannot read input... tx_fault occurance of fault t_fault tx_disable transmitted signal optical signal los t-fault: tx disable asserted then negated, tx signal not recovered t-loss-on & t-loss-off t_loss_on t_init* t_reset * sfp shall clear tx_fault in t_init if the failure is transient t_loss_off occurance of loss figure 5. transceiver timing diagrams (module installed except where noted)
12 table 10. eeprom serial id memory contents - page a0h byte # decimal data hex notes byte # decimal data hex notes 0 03 sfp physical device 37 00 hex byte of vendor oui (note 3) 1 04 sfp function defi ned by serial id only 38 17 hex byte of vendor oui (note 3) 2 07 lc optical connector 39 6a hex byte of vendor oui (note 3) 3 00 40 41 a - vendor part number ascii character 4 00 41 46 f - vendor part number ascii character 5 00 42 43 c - vendor part number ascii character 6 02 1000base-lx 43 54 t - vendor part number ascii character 7 00 44 2d - - vendor part number ascii character 8 00 45 35 5 - vendor part number ascii character 9 00 46 37 7 - vendor part number ascii character 10 00 47 31 1 - vendor part number ascii character 11 01 compatible with 8b/10b encoded data 48 note 4 12 0c 1200 mbit/sec nominal bit rate 49 note 4 13 00 50 note 4 14 0a 51 note 4 15 64 52 20 - vendor part number ascii character 16 37 note 1 53 20 - vendor part number ascii character 17 37 note 2 54 20 - vendor part number ascii character 18 00 55 20 - vendor part number ascii character 19 00 56 20 - vendor revision number ascii character 20 41 a - vendor name ascii character 57 20 - vendor revision number ascii character 21 56 v - vendor name ascii character 58 20 - vendor revision number ascii character 22 41 a - vendor name ascii character 59 20 - vendor revision number ascii character 23 47 g - vendor name ascii character 60 05 hex byte of laser wavelength (note 5) 24 4f o - vendor name ascii character 61 1e hex byte of laser wavelength (note 5) 25 20 - vendor name ascii character 62 00 26 20 - vendor name ascii character 63 checksum for bytes 0-62 (note 6) 27 20 - vendor name ascii character 64 00 28 20 - vendor name ascii character 65 1a hardware sfp tx_disable, tx_fault & rx_los 29 20 - vendor name ascii character 66 00 30 20 - vendor name ascii character 67 00 31 20 - vendor name ascii character 68-83 vendor serial number ascii characters (note7) 32 20 - vendor name ascii character 84-91 vendor date code ascii characters (note 8) 33 20 - vendor name ascii character 92 note 4 34 20 - vendor name ascii character 93 note 4 35 20 - vendor name ascii character 94 note 4 36 00 95 checksum for bytes 64-94 (note 6) 96 - 255 00 notes: 1. link distance with 50/125 m cable. 2. link distance with 62.5/125 m. 3. the ieee organizationally unique identifi er (oui) assigned to avago technologies is 00-17-6a (3 bytes hex). 4. see table 11 on following page for part number extensions and data-fi elds. 5. laser wavelength is represented in 16 unsigned bits. the hex representation of 1310 (nm) is 051e. 6. addresses 63 and 95 are checksums calculated (per sff-8472 and sff-8074) and stored prior to product shipment. 7. addresses 68-83 specify the ascii serial number and will vary on a per unit basis. 8. addresses 84-91 specify the ascii date code and will vary on a per date code basis.
13 table 11. part number extensions and datafi elds afct-5710alz afct-5710apz afct-5710lz afct-5710pz address hex ascii address hex ascii address hex ascii address hex ascii 48 30 0 48 30 0 48 30 0 48 30 0 49 41 a 49 41 a 49 4c l 49 50 p 50 4c l 50 50 p 50 5a z 50 5a z 51 5a z 51 5a z 51 20 51 20 92 0 92 0 92 0 92 0 93 0 93 0 93 0 93 0 94 0 94 0 94 0 94 0 afct-5715alz afct-5715apz AFCT-5715LZ afct-5715pz address hex ascii address hex ascii address hex ascii address hex ascii 48 35 5 48 35 5 48 35 5 48 35 5 49 41 a 49 41 a 49 4c l 49 50 p 50 4c l 50 50 p 50 5a z 50 5a z 51 5a z 51 5a z 51 20 51 20 92 68 92 68 92 68 92 68 93 f0 93 f0 93 f0 93 f0 94 1 94 1 94 1 94 1
14 table 12. eeprom serial id memory contents - address a2h (afct-5715z family only) byte # decimal notes byte # decimal notes byte # decimal notes 0 temp h alarm msb 1 26 tx pwr l alarm msb 4 104 real time rx p av msb 5 1 temp h alarm lsb 1 27 tx pwr l alarm lsb 4 105 real time rx p av lsb 5 2 temp l alarm msb 1 28 tx pwr h warning msb 4 106 reserved 3 temp l alarm lsb 1 29 tx pwr h warning lsb 4 107 reserved 4 temp h warning msb 1 30 tx pwr l warning msb 4 108 reserved 5 temp h warning lsb 1 31 tx pwr l warning lsb 4 109 reserved 6 temp l warning msb 1 32 rx pwr h alarm msb 5 110 status/control - see table 13 7 temp l warning lsb 1 33 rx pwr h alarm lsb 5 111 reserved 8v cc h alarm msb 2 34 rx pwr l alarm msb 5 112 flag bits - see table 14 9v cc h alarm lsb 2 35 rx pwr l alarm lsb 5 113 flag bit - see table 14 10 v cc l alarm msb 2 36 rx pwr h warning msb 5 114 reserved 11 v cc l alarm lsb 2 37 rx pwr h warning lsb 5 115 reserved 12 v cc h warning msb 2 38 rx pwr l warning msb 5 116 flag bits - see table 14 13 v cc h warning lsb 2 39 rx pwr l warning lsb 5 117 flag bits - see table 14 14 v cc l warning msb 2 40-55 reserved 118 reserved 15 v cc l warning lsb 2 56-94 external calibration constants 6 119 reserved 16 tx bias h alarm msb 3 95 checksum for bytes 0-94 7 120-122 reserved 17 tx bias h alarm lsb 3 96 real time temperature msb 1 123 18 tx bias l alarm msb 3 97 real time temperature lsb 1 124 19 tx bias l alarm lsb 3 98 real time vcc msb 2 125 20 tx bias h warning msb 3 99 real time vcc lsb 2 126 21 tx bias h warning lsb 3 100 real time tx bias msb 3 127 reserved 8 22 tx bias l warning msb 3 101 real time tx bias lsb 3 128-247 customer writable 9 23 tx bias l warning lsb 3 102 real time tx power msb 4 248-255 vendor specifi c 24 tx pwr h alarm msb 4 103 real time tx power lsb 4 25 tx pwr h alarm lsb 4 notes: 1. temperature (temp) is decoded as a 16 bit sig ned twos compliment integer in increments of 1/256 c. 2. supply voltage (v cc) is decoded as a 16 bit unsigned integer in increments of 100 v. 3. laser bias current (tx bias) is decoded as a 16 bit unsigned integer in increments of 2 a. 4. transmitted average optical power (tx pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 w. 5. received average optical power (rx pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 w. 6. bytes 55-94 are not intended from use with afct-5715xxxx, but have been set to default values per sff-8472. 7. bytes 95 is a checksum calculated (per sff-8472) and stored prior to product shipment. 8. byte 127 accepts a write but performs no action (reserved legacy byte). 9. bytes 128-247 are write enabled (customer writable).
15 table 13. eeprom serial id memory contents - address a2h, byte 110 (afct-5715z family only) bit # status/control name description 7 tx disable state digital state of sfp tx disable input pin (1 = tx_ disable asserted) 6 soft tx disable read/write bit for changing digital state of sfp tx_disable function 1 5 reserved 4 rx rate select state digital state of sfp rate select input pin (1 = full bandwidth of 155 mbit) 2 3 reserved 2 tx fault state digital state of the sfp tx fault output pin (1 = tx fault asserted) 1 rx los state digital state of the sfp los output pin (1 = los asserted) 0 data ready (bar) indicates transceiver is powered and real time sense data is ready (0 = ready) notes: 1. bit 6 is logic ord with the sfp tx_disable input pin 3 ... either asserted will disable the sfp transmitter. 2. afct-5715z does not respond to state changes on rate select input pin. it is internally hardwired to full bandwidth. table 14. eeprom serial id memory contents - address a2h, bytes 112, 113, 116, 117 (afct-5715z family only) byte bit # flag bit name description 112 7 temp high alarm set when transceiver nternal temperature exceeds high alarm threshold. 6 temp low alarm set when transceiver internal temperature exceeds alarm threshold. 5v cc high alarm set when transceiver internal supply voltage exceeds high alarm threshold. 4v cc low alarm set when transceiver internal supply voltage exceeds low alarm threshold. 3 tx bias high alarm set when transceiver laser bias current exceeds high alarm threshold. 2 tx bias low alarm set when transceiver laser bias current exceeds low alarm threshold. 1 tx power high alarm set when transmitted average optical power exceeds high alarm threshold. 0 tx power low alarm set when transmitted average optical power exceeds low alarm threshold. 113 7 rx power high alarm set when received p_avg optical power exceeds high alarm threshold. 6 rx power low alarm set when received p_avg optical power exceeds low alarm threshold. 0-5 reserved 116 7 temp high warning set when transceiver internal temperature exceeds high warning threshold. 6 temp low warning set when transceiver internal temperature exceeds low warning threshold. 5v cc high warning set when transceiver internal supply voltage exceeds high warning threshold. 4v cc low warning set when transceiver internal supply voltage exceeds low warning threshold. 3 tx bias high warning set when transceiver laser bias current exceeds high warning threshold. 2 tx bias low warning set when transceiver laser bias current exceeds low warning threshold. 1 tx power high warning set when transmitted average optical power exceeds high warning threshold. 0 tx power low warning set when transmitted average optical power exceeds low warning threshold. 117 7 rx power high warning set when received p_avg optical power exceeds high warning threshold. 9 rx power low warning set when received p_avg optical power exceeds low warning threshold. 0-5 reserved
16 [0.5410.004] 13.80.1 [0.10] 2.60 [2.170.01] 55.20.2 [0.5280.004] 13.40.1 afct-571xz 1300 nm laser prod 21cfr(j) class 1 country of origin yyww xxxxxx device shown with dust cap and bail wire delatch [0.2460.002] 6.250.05 tx rx dimensions are in millimeters (inches) [0.3350.004] 8.50.1 front edge of sfp transceiver cage [0.028] 0.7max. uncompressed [0.5120.008] 13.00.2 st andard delatch [0.261] 6.6 [0.53] 13.50 area for process plug [0.583] 14.8 max. uncompressed [0.480.01] 12.10.2 figure 6. drawing of sfp transceiver
17 2x 1.7 20x 0.5 0.03 0.9 2 0.005 typ. 0.06 l a s b s 10.53 11.93 20 10 11 pin 1 20 10 11 pin 1 0.8 typ. 10.93 9.6 2x 1.55 0.05 3.2 5 legend 1. pads and vias are chassis ground 2. through holes, plating optional 3. hatched area deno tes component and trace keepout (except chassis ground) 4. area denotes component keepout (tra ces allo wed) dimensions are in millimeters 4 3 2 1 1 26.8 5 11x 2.0 10 3x 41.3 42.3 b 10x ? 1.05 0.01 16.25 ref. 14.25 11.08 8.58 5.68 2.0 11x 11.93 9.6 4.8 8.48 a 3.68 see det ail 1 9x 0.95 0.05 2.5 7.1 7.2 2.5 10 3x 34.5 16.25 min. pitch y x detail 1 ? 0.85 0.05 pcb edge 0.06 l a s b s ? 0.1 l a s b s ? 0.1 l x a s ? 0.1 l x a s ? 0.1 s x y figure 7. sfp host board mechanical layout
18 dimensions are in millimeters [inches]. [.600.004] 15.250.1 [.640.004] 16.250.1min pitch [.410.004] 10.40.1 [.39] to pcb 10ref [.020.004] below pcb 0.40.1 [.39] 9.8max [.49] 12.4ref [.05] below pcb 1.15ref [1.64.02] 41.730.5 [.14.01] 3.50.3 [.07.04] 1.70.9 [.59] 15max area for process plug tcase reference point pcb msa-specified bezel bezel cage assembly figure 8. assembly drawing
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2012 avago technologies. all rights reserved. obsoletes av01-0167en av02-2366en - september 12, 2012 ordering information please contact your local fi eld sales engineer or one of avago technologies franchised distributors for ordering information. for technical information, please visit avago technologies web-page at www.avagotech.com or contact one of avago technologies regional technical response centers. for information related to sff committee documenta- tion visit www.sff committee.org .


▲Up To Search▲   

 
Price & Availability of AFCT-5715LZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X